PART |
Description |
Maker |
BAS4004LT1 |
CASE 318 08/ STYLE 12 SOT 23 (TO 236AB) CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
|
Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
BAS7004LT1 |
CASE 318-08, STYLE 12 SOT-23 TO-236AB CASE 318-08 STYLE 12 SOT-23 TO-236AB
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BAS4006LT1 |
CASE 318-08/ STYLE 11 SOT-23 (TO-236AB) CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
DTC114YE DTC114YE_D ON0281 |
CASE 463-01/ STYLE 1 SOT-416/SC-90 CASE 463-01, STYLE 1 SOT-416/SC-90 CASE 463-1, STYLE 1 SOT-16/SC-0 From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|
BAW56LT1 ON0137 BAW56 |
Monolithic Dual Switching Diode Common Anode CASE 318-08,STYLE12 SOT-23(TO-236AB) From old datasheet system
|
ON Semi MOTOROLA[Motorola, Inc]
|
MBT3904DW1T1 MBT3904DW1T1_D ON0485 |
SOT-63/SC-8 CASE 419B STYLE 1 From old datasheet system
|
ON Semi
|
MBD110DWT1_D ON0400 |
CASE 419B-1, STYLE 6 SOT-363 From old datasheet system
|
ON Semi
|
BAS16WT1 ON0115 |
CASE 419-02, STYLE 2 SC-70/SOT-323 From old datasheet system
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
BAV99WT1 BAV99RWT1 ON0136 BAV99 |
Diodes > JEDEC Standard & Euro Standard Diodes > Surface mounting type SC-70/SOT-323 Dual Series Switching Diode BAV99WT1 CASE 419-2, STYLE 9 SC-0/SOT-23 From old datasheet system
|
ROHM ON Semi MOTOROLA[Motorola, Inc]
|
2N5460 2N5462 ON0061 2N5461 2N5460THRU2N5462 MOTOR |
JFET Amplifier P-Channel From old datasheet system CASE 29-4, STYLE 7TO-2 (TO-26AA) CASE 2904, STYLE 7 TO92 (TO226AA) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
ON Semiconductor MOTOROLA INC MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
AP1501A AP1501A-12 AP1501A-12K5 AP1501A-12K5A AP15 |
Adj, 150 Khz, 5 A PWM buck DC/DC converter 150Khz, 5A PWM Buck DC/DC Converter IR Emitting Diode; Mounting Type:Through Hole; LED Color:Clear; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Clear; Lens Style:(H x Dia) 8.7 x 5.8 mm; Voltage Rating:5V IR Emitting Diode; LED Color:Infrared; Mounting Type:Through Hole; Terminal Type:3 Pin Leaded; Color:Infrared; Lens Style:(H x Dia) 12.5 x 10.0 mm; Voltage Rating:5.5V Leaded Process Compatible: Yes IR Emitting Diode; Mounting Type:Through Hole; LED Color:Blue Gray; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Blue Gray; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:0.185A; Resistance, Rds on:6R; Voltage, Vgs Rds on measurement:10V; Case style:SOT-23 (TO-236); Current, Id max:0.185A; Current, Idm pulse:.8A; Marking, SMD:6K; Pins, No. RoHS Compliant: Yes MOSFET, P SOT-23MOSFET, P SOT-23; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SOT-23; Current, Id cont:0.58A; Current, Idm pulse:2A; Power, Pd:0.35W; Resistance, Rds on:0.65R; SMD:1; Current, Id MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-385mA; On-Resistance, Rds(on):1.4ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-236; Drain Source On Resistance @ 10V:1.4ohm IR Emitting Diode; Mounting Type:Through Hole; LED Color:Infrared; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Infrared; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,270MA I(D),TO-226AA RoHS Compliant: Yes IR EMITTER; Wavelength, typ:950nm; Current, forward If:5mA; Angle, viewing:90(degree); Temperature, operating range:-25(degree C) to (degree C) RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-580mA; On-Resistance, Rds(on):650mohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23
|
ANACHIP[Anachip Corp]
|
P80C557E4EFB-T P80C557E4EBB-T |
8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP80 14 X 20 MM, 2.70 MM HEIGHT, PLASTIC, SOT-318-1, QFP-80 Single-chip 8-bit microcontroller(单片8位微控制 单芯位微控制器(单片8位微控制器)
|
NXP Semiconductors N.V.
|
|